PART |
Description |
Maker |
MAX668-MAX669 MAX668EUB MAX669EUB MAX669 MAX668 |
1.8V to 28V Input, PWM Step-Up Controllers in レMAX SWITCHING CONTROLLER, 575 kHz SWITCHING FREQ-MAX, PDSO10 1.8V to 28V Input, PWM Step-Up Controllers in MAX Quadruple 2-Line To 1-Line Data Selector/Multiplexer With 3-State Outputs 20-LCCC -55 to 125 QUADRUPLE 2-INPUT POSITIVE-OR GATES 14-CDIP -55 to 125 1.8V to 28V Input, PWM Step-Up Controllers in μMAX
|
Maxim Integrated Products, Inc.
|
STR-A6051M STR-A6000-15 |
Off-Line PWM Controllers with Integrated Power MOSFET
|
Sanken electric
|
MAX1759513 SI9102DJ02-E3 SIP2804DY-T1 |
Peak-Current-Mode Controllers for Flyback and Boost Regulators Switching Converters, Regulators & Controllers 3W HV Switchmode Reg Current Mode PWM Controllers 50% MDC, 5V High-Speed/Low-Power
|
Maxim Integrated Products
|
AP3125B AP3125BKTR-G1 |
GREEN MODE PWM CONTROLLER Analog - AC-DC Converters - Offline PWM Controllers
|
Diodes Incorporated
|
AP3106M-G1 AP3106MTR-G1 AP3106 |
Analog - AC-DC Converters - Offline PWM Controllers HIGH VOLTAGE GREEN MODE PWM CONTROLLER
|
Diodes BCD Semiconductor Manufacturing Limited
|
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
MAX668 MAX668EUB MAX668-MAX669 MAX669EUB MAX669 |
1.8V to 28V Input / PWM Step-Up Controllers in MAX 1.8V to 28V Input, PWM Step-Up Controllers in MAX 1.8V to 28V Input, PWM Step-Up Controllers in µMAX 1.8V to 28V Input, PWM Step-Up Controllers in レMAX
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX758ACPA MAX758ACWE MAX758AEPA MAX758AEWE MAX758 |
Adjustable, PWM, Step-Down Regulator Circular Connector; No. of Contacts:32; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:19-32 RoHS Compliant: No 10-Line To 4-Line And 8-Line To 3-Line Priority Encoders 16-CFP -55 to 125 Adjustable / Step-Down / Current-Mode PWM Regulators Adjustable, Step-Down, Current-Mode PWM Regulators Adjustable Step-Down Current-Mode PWM Regulators
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX1652 MAX1652EEE MAX1653 MAX1653EEE MAX1653ESE M |
High-Efficiency / PWM / Step-Down DC-DC Controllers in 16-Pin QSOP High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP From old datasheet system
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
CS5126XD8 CS5126XDR8 CS5124XD8 CS5126 CS5124XDR8 C |
High Performance, Integrated Current Mode PWM Controllers 高性能,集成电流模式PWM控制 High Performance/ Integrated Current Mode PWM Controllers
|
ZF Electronics, Corp. CHERRY[Cherry Semiconductor Corporation]
|
XC9101D00AKL XC9101D00AKR XC9101D03AKL XC9101D03AK |
PWM Controlled Step-Up DC/DC Controllers
|
TOREX[Torex Semiconductor]
|